Part Number Hot Search : 
S1503 60001 LBS11902 ECWF2225 SGM9111 D213ED ADAM6060 29LV033
Product Description
Full Text Search
 

To Download NTE754 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE754 Integrated Circuit
Single Toggle Flip-Flop
Features: D Wide Operating Voltage Range -6V to 16 V D Regulated Supply Not Required D Economical 4-Lead Plastic Package Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19V Output Sinking Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA Negative Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V Power Dissipation (Package Limitation), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Derate above TA = +25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mW/C Operating Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10 to +75C Electrical Characteristics: (VCC = 12V, Vin = 4V(p-p) Square Pulse, f = 10kHz, 50% Duty Cycle, tPHL = 1V/s, TA = +25C unless otherwise specified)
Parameter Operating Power Supply Voltage Toggle Frequency Output Voltage, High Output Voltage, Low Operating Drain Current Output Sinking Current Rise Time Storage Time Fall Time Input Resistance Output Resistance, Output High Input Pulse Requirements Pulse Magnitude Zero Level Leading Edge Trailing Edge, dv/dt +4.0 - -1.0 - - - - +1.0 - V V V/ms VCC = 6V VCC = 16V VCC = 6V VCC = 16V VCC = 16V VO 1.0V Test Conditions Min 6 - 5.5 15.5 - - - - - - - 10 - Typ - 3 - - - - - 2 250 350 60 - - Max 16 - - - 0.3 0.5 32 - - - - - 2.8 Unit V MHz V V V V mA mA ns ns ns k k
No Requirement
Pin Connection Diagram
T
4
1
GND
Q
3
2
VCC
4 3 .270 (6.86)
1 2
.140 (3.56)
.145 (3.68)
.380 (8.9) 10 .650 (16.5)


▲Up To Search▲   

 
Price & Availability of NTE754

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X